Part Number Hot Search : 
03203 MH46TAD 2N111 S93C46 MBS034M FRL234R SP233 TA78L08S
Product Description
Full Text Search
 

To Download AM1L-2403DH30-N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  to order call 1-888-9-aimtec am1/4l-n series 0.25 watt dc-dc converters ? smd package ? ul94-vo package ? low ripple & noise ? efficiency up to 68% ? input/output isolations of 1000 & 3000vdc ? operating temperature: -40c ... +85c ? unregulated ? pin-compatible with multiple manufacturers general description electrical specifications all specifications valid at nominal input voltage, full load and +25c after warm-up time unless otherwise stated. our am1/4l-n series is a family of cost effective 1/4w single and dual output dc/dc converters. these converters combine a miniature smd pack- age and high performance features such as a 1000 & 3000vdc input/output isolation voltages, continu- ous short circuit protection and a tight line / load regulation. 96 models operate from input voltages of 3.3, 5, 12 and 24vdc producing output voltages of 3.3, 5, 9, 12, 15, 24, 5, 9, 12, 15 & 24vdc. full smd design and a 100% production test of parameters ensures a high reliability in this product. mtbf: > 3,500,000 hrs (mil-hdbk-217f, ground benign, t=+25c) specifications are subject to change without notification. isolation specifications: rated voltage (60 sec) 1000 & 3000vdc resistance > 1000mohm capacitance 60pf, typ. output specifications: voltage accuracy 5%, max. voltage balance (dual output) 2% ripple & noise (at 20mhz bw) 75m vp-p, typ. short circuit protection 1 sec. line voltage regulation 1.2% max. for 1% of vin load voltage regulation 10% typ., (10...100% load) temperature coefficient 0.03%/c, max. input specifications: voltage range 10% filter capacitor environmental specifications: operating temperature (ambient) -40c ... +85c storage temperature -55c ... +125c case temperature +95c, max. derating none required humidity (non-condensing) up to 95% cooling free-air convection physical specifications: dimensions (single) 12.70x11.20x6.30mm dimensions (dual) 15.30x11.20x6.30mm dimensions (s&d@3000vdc) 15.20x11.20x6.00mm weight 1.5g case material ul94-vo plastic general specifications: efficiency 68%, typ. switching frequency (single) 100khz, typ., 100% load switching frequency (dual) 150khz, typ., 100% load dc-dc converters continued on next page
to order call 1-888-9-aimtec am1/4l-n series models single output @ 1000vdc @ 3000vdc input voltage output voltage max. output current 3.3v10% 5v10% 12v10% 24v10% am1/4l-0303s-n am1/4l-0305s-n am1/4l-0309s-n am1/4l-0312s-n am1/4l-0315s-n am1/4l-0324s-n am1/4l-0503s-n am1/4l-0505s-n am1/4l-0509s-n am1/4l-0512s-n am1/4l-0515s-n am1/4l-0524s-n am1/4l-1203s-n am1/4l-1205s-n am1/4l-1209s-n am1/4l-1212s-n am1/4l-1215s-n am1/4l-1224s-n am1/4l-2403s-n am1/4l-2405s-n am1/4l-2409s-n am1/4l-2412s-n am1/4l-2415s-n am1/4l-2424s-n 3.3vdc 5vdc 9vdc 12vdc 15vdc 24vdc 3.3vdc 5vdc 9vdc 12vdc 15vdc 24vdc 3.3vdc 5vdc 9vdc 12vdc 15vdc 24vdc 3.3vdc 5vdc 9vdc 12vdc 15vdc 24vdc 75ma 50ma 27ma 20ma 16ma 10ma 75ma 50ma 27ma 20ma 16ma 10ma 75ma 50ma 27ma 20ma 16ma 10ma 75ma 50ma 27ma 20ma 16ma 10ma continued on next page dc-dc converters am1/4l-0303sh30-n am1/4l-0305sh30-n am1/4l-0309sh30-n am1/4l-0312sh30-n am1/4l-0315sh30-n am1/4l-0324sh30-n am1/4l-0503sh30-n am1/4l-0505sh30-n am1/4l-0509sh30-n am1/4l-0512sh30-n am1/4l-0515sh30-n am1/4l-0524sh30-n am1/4l-1203sh30-n am1/4l-1205sh30-n am1/4l-1209sh30-n am1/4l-1212sh30-n am1/4l-1215sh30-n am1/4l-1224sh30-n am1/4l-2403sh30-n am1/4l-2405sh30-n am1/4l-2409sh30-n am1/4l-2412sh30-n am1/4l-2415sh30-n am1/4l-2424sh30-n outline dimensions & pin connections - single @ 1000vdc pin single output 1 -v input 2 +v input 3 n.c. 4 -v output 5 +v output 6 n.c. 7 n.c. 8 n.c.
to order call 1-888-9-aimtec dc-dc converters models dual output @ 1000vdc @ 3000vdc input voltage output voltage max. output current 3.3v10% 5v10% 12v10% 24v10% am1/4l-0303d-n am1/4l-0305d-n am1/4l-0309d-n am1/4l-0312d-n am1/4l-0315d-n am1/4l-0324d-n am1/4l-0503d-n am1/4l-0505d-n am1/4l-0509d-n am1/4l-0512d-n am1/4l-0515d-n am1/4l-0524d-n am1/4l-1203d-n am1/4l-1205d-n am1/4l-1209d-n am1/4l-1212d-n am1/4l-1215d-n am1/4l-1224d-n am1/4l-2403d-n am1/4l-2405d-n am1/4l-2409d-n am1/4l-2412d-n am1/4l-2415d-n am1/4l-2424d-n 3.3vdc 5vdc 9vdc 12vdc 15vdc 24vdc 3.3vdc 5vdc 9vdc 12vdc 15vdc 24vdc 3.3vdc 5vdc 9vdc 12vdc 15vdc 24vdc 3.3vdc 5vdc 9vdc 12vdc 15vdc 24vdc 38ma 25ma 14ma 11ma 9ma 5ma 38ma 25ma 14ma 11ma 9ma 5ma 38ma 25ma 14ma 11ma 9ma 5ma 38ma 25ma 14ma 11ma 9ma 5ma am1/4l-0303dh30-n am1/4l-0305dh30-n am1/4l-0309dh30-n am1/4l-0312dh30-n am1/4l-0315dh30-n am1/4l-0324dh30-n am1/4l-0503dh30-n am1/4l-0505dh30-n am1/4l-0509dh30-n am1/4l-0512dh30-n am1/4l-0515dh30-n am1/4l-0524dh30-n am1/4l-1203dh30-n am1/4l-1205dh30-n am1/4l-1209dh30-n am1/4l-1212dh30-n am1/4l-1215dh30-n am1/4l-1224dh30-n am1/4l-2403dh30-n am1/4l-2405dh30-n am1/4l-2409dh30-n am1/4l-2412dh30-n am1/4l-2415dh30-n am1/4l-2424dh30-n am1/4l-n series outline dimensions & pin connections - dual @ 1000vdc pin dual output 1 -v input 2 +v input 3 n.c. 4 common 5 -v output 6 n.c. 7 +v output 8 n.c. 9 n.c. 10 n.c.
to order call 1-888-9-aimtec am1/4l-n series dc-dc converters outline dimensions & pin connections for single & dual @ 3000vdc pin single dual 1 -v input -v input 2 +v input +v input 3 n.c. n.c. 5 -v output common 6 n.c. -v output 7 n.c. n.c. 8 +v output +v output 10 n.c. n.c. 11 n.c. n.c. 12 n.c. n.c. typical characteristics application note single output models dual output models general application in regular circuits, our company?s dc/dc converters may be used directly without any peripheral components (see figure 2). the basic input/output isolation may be used to provide a group of simple isolated polar output power supplies or to generate power supply lines of different voltages. voltage and polarity inversion a key performance of this dc/dc converter is high electric isolation capability. thus, only one dc/dc converter may allow for several potential differences in the layout of circuit board. if necessary, you may connect the output end of the positive to input ground, then the negative output end will generate a negative voltage (see figure 1). filtering in some circuits which are sensitive to noise and ripple, a filtering capacitor may be added to the dc/dc output end and input end to reduce the noise and ripple. however, the capacitance of the output filter capacitor must be proper. if the capacitance is too big, a startup problem might arise. for every channel of output provided the safe and reliable operation is ensured, the greatest capacitance of its filtering capacitor sees the external capacitor table. to get an extremely low ripple, a ?lc? filter network may be connected to the input and output ends of the dc/dc converter, which may produce a more significant filtering effect. it should also be noted that the inductance and the frequency of the ?lc? filter network should be staggered with the dc/dc frequency to avoid mutual interference (see figure 3). requirement on output load to ensure this module can operate efficiently and reliably, a minimum load is specified for this kind of dc/dc converter in addition to a maximum load (namely full load). during operation, make sure the specified range of input voltage is not exceeded, the minimum output load is not less than 10% of the full load, and that this product should never be operated under no load!!! if the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load. overload protection under normal operating conditions, the output circuit of these products has no protection against over-current and short- circuits. the simplest method is to connect a self-recovery fuse in series at the input end or add a circuit breaker to the circuits. output voltage regulation and over-voltage protection circuit the simplest device for output voltage regulation, over-voltage and over-current protection is a linear voltage stabilizer with overheat protection that is connected to the input or output end in series (see figure 4). product reliability the mtbf is the mean time between failures under full load. if the actual load is less than 20% of the rated load or greater than the rated load, then this products reliability will be greatly reduced. input polarity protection under normal conditions, this products input circuit has no protection against polarity inversion; the solution is to connect a diode in series at the input. note: all pins on a 2.54mm pitch; all pin diameters are 0.50 mm (tolerance:0.25); all dimensions in mm.


▲Up To Search▲   

 
Price & Availability of AM1L-2403DH30-N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X